PART |
Description |
Maker |
ATMEGA329P ATMEGA329P_06 ATMEGA3290P ATMEGA3290PV |
8-bit Microcontroller with 32K Bytes In-System Programmable Flash 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-KByte EEPROM, 8 Channel 10-bit A/D-c
|
ATMEL[ATMEL Corporation]
|
ATMEGA16 ATMEGA16L |
16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 Mhz. 16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 Mhz. 3 Volt Operation
|
Atmel
|
ST10F273 |
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
|
STMicroelectronics
|
ST10F272 ST10F272Z2Q3 ST10F272Z2T3 |
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
|
STMicroelectronics
|
ST10F272Z2 ST10F272Z208 |
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
|
STMicroelectronics
|
ST10F276_06 ST10F276 ST10F276Z5Q3 ST10F276Z5T3 |
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
|
STMICROELECTRONICS[STMicroelectronics]
|
ST10F276E ST10F276R-6Q3 |
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
|
STMicroelectronics
|
AM29030 |
RISC Microprocessors with 8-Kbyte/4-Kbyte Instruction Cache
|
AMD
|
SLE44C84S |
8-bit Security Controller with 26-Kbyte ROM, 256-byte RAM, 512-byte XRAM and 8-Kbyte EEPROM(8位安全微控制6K字节ROM,256字节RAM,512字节XRAM,8-K字节EEPROM)) 8位安全控制器6字节ROM56字节RAM12字节XRAM8字节的EEPROM8位安全微控制器(带光6万字节,256字节的RAM12字节XRAM8 -亩字节的EEPROM))
|
SIEMENS AG
|
SLE66CX160S |
16-bit Security Controller with 32-Kbyte ROM, 1280 ( 700) Byte RAM 16-Kbyte EEPROM and 1100-bit Advanced Crypto Engine(16位安全控制器(B>32-KB ROM,1280B RAM
|
SIEMENS AG
|
SLE66C20S |
16-bit Security Controller with 32-Kbyte ROM, 1280 Byte RAM and 2-Kbyte EEPROM(16位安全控制器(B>32-KB ROM,1280B RAM, 2KB EEPROM))
|
SIEMENS AG
|
M50FLW040AK5P M50FLW040ANB5P M50FLW040A06 M50FLW04 |
4-Mbit (5 ??64 Kbyte blocks 3 ??16 ??4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory 4-Mbit (5 】 64 Kbyte blocks 3 】 16 】 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
|
STMICROELECTRONICS[STMicroelectronics]
|